Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 66 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 66 Page - Intel Corporation

Back Button 430 Datasheet HTML 62Page - Intel Corporation 430 Datasheet HTML 63Page - Intel Corporation 430 Datasheet HTML 64Page - Intel Corporation 430 Datasheet HTML 65Page - Intel Corporation 430 Datasheet HTML 66Page - Intel Corporation 430 Datasheet HTML 67Page - Intel Corporation 430 Datasheet HTML 68Page - Intel Corporation 430 Datasheet HTML 69Page - Intel Corporation 430 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
Land Listing and Signal Descriptions
66
Datasheet
4.2
Alphabetical Signals Reference
Table 25.
Signal Description ( (Sheet 1 of 9))
Name
Type
Description
A[35:3]#
Input/
Output
A[35:3]# (Address) define a 236-byte physical memory address
space. In sub-phase 1 of the address phase, these signals transmit
the address of a transaction. In sub-phase 2, these signals transmit
transaction type information. These signals must connect the
appropriate pins/lands of all agents on the processor FSB. A[35:3]#
are source synchronous signals and are latched into the receiving
buffers by ADSTB[1:0]#.
On the active-to-inactive transition of RESET#, the processor
samples a subset of the A[35:3]# signals to determine power-on
configuration. See Section 6.1 for more details.
A20M#
Input
If A20M# (Address-20 Mask) is asserted, the processor masks
physical address bit 20 (A20#) before looking up a line in any
internal cache and before driving a read/write transaction on the
bus. Asserting A20M# emulates the 8086 processor's address wrap-
around at the 1-MB boundary. Assertion of A20M# is only supported
in real mode.
A20M# is an asynchronous signal. However, to ensure recognition of
this signal following an Input/Output write instruction, it must be
valid along with the TRDY# assertion of the corresponding Input/
Output Write bus transaction.
ADS#
Input/
Output
ADS# (Address Strobe) is asserted to indicate the validity of the
transaction address on the A[35:3]# and REQ[4:0]# signals. All bus
agents observe the ADS# activation to begin protocol checking,
address decode, internal snoop, or deferred reply ID match
operations associated with the new transaction.
ADSTB[1:0]#
Input/
Output
Address strobes are used to latch A[35:3]# and REQ[4:0]# on their
rising and falling edges. Strobes are associated with signals as
shown below.
BCLK[1:0]
Input
The differential pair BCLK (Bus Clock) determines the FSB
frequency. All processor FSB agents must receive these signals to
drive their outputs and latch their inputs.
All external timing parameters are specified with respect to the
rising edge of BCLK0 crossing VCROSS.
BNR#
Input/
Output
BNR# (Block Next Request) is used to assert a bus stall by any bus
agent unable to accept new bus transactions. During a bus stall, the
current bus owner cannot issue any new transactions.
Signals
Associated Strobe
REQ[4:0]#, A[16:3]#
ADSTB0#
A[35:17]#
ADSTB1#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com