Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 25 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 430 Datasheet HTML 21Page - Intel Corporation 430 Datasheet HTML 22Page - Intel Corporation 430 Datasheet HTML 23Page - Intel Corporation 430 Datasheet HTML 24Page - Intel Corporation 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Datasheet
25
Electrical Specifications
2.7.2
CMOS and Open Drain Signals
Legacy input signals such as A20M#, IGNNE#, INIT#, SMI#, and STPCLK# use CMOS
input buffers. All of the CMOS and Open Drain signals are required to be asserted/de-
asserted for at least four BCLKs for the processor to recognize the proper signal state.
See Section 2.7.3 for the DC specifications. See Section 6.2 for additional timing
requirements for entering and leaving the low power states.
2.7.3
Processor DC Specifications
The processor DC specifications in this section are defined at the processor
core (pads) unless otherwise stated. All specifications apply to all frequencies
and cache sizes unless otherwise stated.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical
low value.
3.
VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical
high value.
4.
VIH and VOH may experience excursions above VTT. However, input signal drivers must
comply with the signal quality specifications.
5.
The VTT referred to in these specifications is the instantaneous VTT.
6.
Leakage to VSS with land held at VTT.
7.
Leakage to VTT with land held at 300 mV.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Measured at VTT * 0.2.
3.
For Vin between 0 and VOH
Table 11.
GTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
VIL
Input Low Voltage
-0.10
GTLREF – 0.10
V
2, 5
VIH
Input High Voltage
GTLREF + 0.10
VTT + 0.10
V
3, 4, 5
VOH
Output High Voltage
VTT – 0.10
VTT
V4, 5
IOL
Output Low Current
N/A
VTT_MAX/
[(RTT_MIN)+(RON_MIN)]
A-
ILI
Input Leakage Current
N/A
± 100
µA
6
ILO
Output Leakage Current
N/A
± 100
µA
7
RON
Buffer On Resistance
10
13
Ω
Table 12.
Open Drain and TAP Output Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
VOL
Output Low Voltage
0
0.20
V
-
IOL
Output Low Current
16
50
mA
2
I
LO
Output Leakage Current
N/A
± 200
µA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com