Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 30 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation 430 Datasheet HTML 30Page - Intel Corporation 430 Datasheet HTML 31Page - Intel Corporation 430 Datasheet HTML 32Page - Intel Corporation 430 Datasheet HTML 33Page - Intel Corporation 430 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
Electrical Specifications
30
Datasheet
2.8.4
BCLK[1:0] Specifications (CK505 based Platforms)
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Crossing voltage is defined as the instantaneous voltage value when the rising edge of
BCLK0 equals the falling edge of BCLK1.
3.
V
Havg is the statistical average of the VH measured by the oscilloscope.
4.
"Steady state" voltage, not including overshoot or undershoot.
5.
Overshoot is defined as the absolute value of the maximum voltage. Undershoot is defined
as the absolute value of the minimum voltage.
6.
Measurement taken from differential waveform.
7.
The crossing point must meet the absolute and relative crossing point specifications
simultaneously.
8.
Cpad includes die capacitance only. No package parasitics are included.
Table 17.
Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Figure
Notes1
V
L
Input Low Voltage
-0.30
N/A
N/A
V
3
4
V
H
Input High Voltage
N/A
N/A
1.15
V
3
4
V
CROSS(abs)
Absolute Crossing Point
0.300
N/A
0.550
V
3, 4
2,4,6
ΔV
CROSS
Range of Crossing Points
N/A
N/A
0.140
V
3, 4
-
V
OS
Overshoot
N/A
N/A
1.4
V
3
5
V
US
Undershoot
-0.300
N/A
N/A
V
3
5
V
SWING
Differential Output Swing
0.300
N/A
N/A
V
5
6
ILI
Input Leakage Current
-5
N/A
5
μA
Cpad
Pad Capacitance
.95
1.2
1.45
pF
8
Figure 3.
Differential Clock Waveform
High Time
Period
V
CROSS
CLK 1
CLK 0
Low Time
VCROSS Min
300 mV
VCROSS Max
500 mV
median
V
CROSS
median
V
CROSS
Median + 75 mV
Median - 75 mV
V
CROSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com