Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 99 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 99 Page - Intel Corporation

Back Button 430 Datasheet HTML 92Page - Intel Corporation 430 Datasheet HTML 93Page - Intel Corporation 430 Datasheet HTML 94Page - Intel Corporation 430 Datasheet HTML 95Page - Intel Corporation 430 Datasheet HTML 96Page - Intel Corporation 430 Datasheet HTML 97Page - Intel Corporation 430 Datasheet HTML 98Page - Intel Corporation 430 Datasheet HTML 99Page - Intel Corporation 430 Datasheet HTML 100Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
Datasheet
99
Debug Tools Specifications
8
Debug Tools Specifications
8.1
Logic Analyzer Interface (LAI)
Intel is working with two logic analyzer vendors to provide logic analyzer interfaces
(LAIs) for use in debugging systems. Tektronix and Agilent should be contacted to get
specific information about their logic analyzer interfaces. The following information is
general in nature. Specific information must be obtained from the logic analyzer
vendor.
Due to the complexity of systems, the LAI is critical in providing the ability to probe and
capture FSB signals. There are two sets of considerations to keep in mind when
designing a r system that can make use of an LAI: mechanical and electrical.
8.1.1
Mechanical Considerations
The LAI is installed between the processor socket and the processor. The LAI lands plug
into the processor socket, while the processor lands plug into a socket on the LAI.
Cabling that is part of the LAI egresses the system to allow an electrical connection
between the processor and a logic analyzer. The maximum volume occupied by the LAI,
known as the keepout volume, as well as the cable egress restrictions, should be
obtained from the logic analyzer vendor. System designers must make sure that the
keepout volume remains unobstructed inside the system. Note that it is possible that
the keepout volume reserved for the LAI may differ from the space normally occupied
by the processor’s heatsink. If this is the case, the logic analyzer vendor will provide a
cooling solution as part of the LAI.
8.1.2
Electrical Considerations
The LAI will also affect the electrical performance of the FSB; therefore, it is critical to
obtain electrical load models from each of the logic analyzers to be able to run system
level simulations to prove that their tool will work in the system. Contact the logic
analyzer vendor for electrical specifications and load models for the LAI solution it
provides.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com