Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 22 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 430 Datasheet HTML 18Page - Intel Corporation 430 Datasheet HTML 19Page - Intel Corporation 430 Datasheet HTML 20Page - Intel Corporation 430 Datasheet HTML 21Page - Intel Corporation 430 Datasheet HTML 22Page - Intel Corporation 430 Datasheet HTML 23Page - Intel Corporation 430 Datasheet HTML 24Page - Intel Corporation 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
Electrical Specifications
22
Datasheet
NOTES:
1.
VOS is measured overshoot voltage.
2.
TOS is measured time duration above VID.
2.6.4
Die Voltage Validation
Overshoot events on processor must meet the specifications in Table 7 when measured
across the VCC_SENSE and VSS_SENSE lands. Overshoot events that are < 10 ns in
duration may be ignored. These measurements of processor die level overshoot must
be taken with a bandwidth limited oscilloscope set to a greater than or equal to
100 MHz bandwidth limit.
2.7
Signaling Specifications
Most processor Front Side Bus signals use Gunning Transceiver Logic (GTL+) signaling
technology. This technology provides improved noise margins and reduced ringing
through low voltage swings and controlled edge rates. Platforms implement a
termination voltage level for GTL+ signals defined as VTT. Because platforms implement
separate power planes for each processor (and chipset), separate VCC and VTT supplies
are necessary. This configuration allows for improved noise tolerance as processor
frequency increases. Speed enhancements to data and address busses have caused
signal integrity considerations and platform design methods to become even more
critical than with previous processor families.
The GTL+ inputs require a reference voltage (GTLREF) which is used by the receivers to
determine if a signal is a logical 0 or a logical 1. GTLREF must be generated on the
motherboard (see Table 14 for GTLREF specifications). Termination resistors (RTT) for
GTL+ signals are provided on the processor silicon and are terminated to VTT. Intel
chipsets will also provide on-die termination; thus, eliminating the need to terminate
the bus on the motherboard for most GTL+ signals.
Figure 2.
VCC Overshoot Example Waveform
Example Overshoot Waveform
0
5
10
15
20
25
Time [us]
VID - 0.000
VID + 0.050
VOS
TOS
TOS: Overshoot time above VID
VOS: Overshoot above VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com