Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 29 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation 430 Datasheet HTML 30Page - Intel Corporation 430 Datasheet HTML 31Page - Intel Corporation 430 Datasheet HTML 32Page - Intel Corporation 430 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
Datasheet
29
Electrical Specifications
2.8.2
FSB Frequency Select Signals (BSEL[2:0])
The BSEL[2:0] signals are used to select the frequency of the processor input clock
(BCLK[1:0]). Table 16 defines the possible combinations of the signals and the
frequency associated with each combination. The required frequency is determined by
the processor, chipset, and clock synthesizer. All agents must operate at the same
frequency.
The processor will operate at an 800 MHz FSB frequency (selected by a 200 MHz
BCLK[1:0] frequency). Individual processors will only operate at their specified FSB
frequency.
2.8.3
Phase Lock Loop (PLL) and Filter
An on-die PLL filter solution will be implemented on the processor. The VCCPLL input is
used for the PLL. Refer to Table 5 for DC specifications.
Table 16.
BSEL[2:0] Frequency Table for BCLK[1:0]
BSEL2
BSEL1
BSEL0
FSB Frequency
L
L
L
RESERVED
L
L
H
RESERVED
L
H
H
RESERVED
LH
L
200 MHz
H
H
L
RESERVED
H
H
H
RESERVED
H
L
H
RESERVED
H
L
L
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com