Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 23 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 430 Datasheet HTML 19Page - Intel Corporation 430 Datasheet HTML 20Page - Intel Corporation 430 Datasheet HTML 21Page - Intel Corporation 430 Datasheet HTML 22Page - Intel Corporation 430 Datasheet HTML 23Page - Intel Corporation 430 Datasheet HTML 24Page - Intel Corporation 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
Datasheet
23
Electrical Specifications
2.7.1
FSB Signal Groups
The front side bus signals have been combined into groups by buffer type. GTL+ input
signals have differential input buffers, which use GTLREF[1:0] as a reference level. In
this document, the term “GTL+ Input” refers to the GTL+ input group as well as the
GTL+ I/O group when receiving. Similarly, “GTL+ Output” refers to the GTL+ output
group as well as the GTL+ I/O group when driving.
With the implementation of a source synchronous data bus comes the need to specify
two sets of timing parameters. One set is for common clock signals which are
dependent upon the rising edge of BCLK0 (ADS#, HIT#, HITM#, etc.) and the second
set is for the source synchronous signals which are relative to their respective strobe
lines (data and address) as well as the rising edge of BCLK0. Asychronous signals are
still present (A20M#, IGNNE#, etc.) and can become active at any time during the
clock cycle. Table 8 identifies which signals are common clock, source synchronous,
and asynchronous.
Table 8.
FSB Signal Groups (Sheet 1 of 2)
Signal Group
Type
Signals1
GTL+ Common
Clock Input
Synchronous to
BCLK[1:0]
BPRI#, DEFER#, RESET#, RS[2:0]#, TRDY#
GTL+ Common
Clock I/O
Synchronous to
BCLK[1:0]
ADS#, BNR#, BPM[5:0]#, BR0#, DBSY#, DRDY#, HIT#,
HITM#, LOCK#
GTL+ Source
Synchronous I/O
Synchronous to
assoc. strobe
GTL+ Strobes
Synchronous to
BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
CMOS
A20M#, IGNNE#, INIT#, LINT0/INTR, LINT1/NMI, SMI#,
STPCLK#, PWRGOOD, TCK, TDI, TMS, TRST#,
BSEL[2:0], VID[6:1]
Open Drain
Output
FERR#/PBE#, IERR#, THERMTRIP#, TDO
Open Drain
Input/Output
PROCHOT#4
FSB Clock
Clock
BCLK[1:0], ITP_CLK[1:0]2
Signals
Associated Strobe
REQ[4:0]#, A[16:3]#3
ADSTB0#
A[35:17]#3
ADSTB1#
D[15:0]#, DBI0#
DSTBP0#, DSTBN0#
D[31:16]#, DBI1#
DSTBP1#, DSTBN1#
D[47:32]#, DBI2#
DSTBP2#, DSTBN2#
D[63:48]#, DBI3#
DSTBP3#, DSTBN3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com