Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 80 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 80 Page - Intel Corporation

Back Button 430 Datasheet HTML 76Page - Intel Corporation 430 Datasheet HTML 77Page - Intel Corporation 430 Datasheet HTML 78Page - Intel Corporation 430 Datasheet HTML 79Page - Intel Corporation 430 Datasheet HTML 80Page - Intel Corporation 430 Datasheet HTML 81Page - Intel Corporation 430 Datasheet HTML 82Page - Intel Corporation 430 Datasheet HTML 83Page - Intel Corporation 430 Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
Thermal Specifications and Design Considerations
80
Datasheet
The PROCHOT# signal is asserted when a high temperature situation is detected,
regardless of whether Thermal Monitor or Thermal Monitor 2 is enabled.
It should be noted that the Thermal Monitor 2 TCC cannot be activated via the on
demand mode. The Thermal Monitor TCC, however, can be activated through the use of
the on demand mode.
5.2.3
On-Demand Mode
The processor provides an auxiliary mechanism that allows system software to force
the processor to reduce its power consumption. This mechanism is referred to as “On-
Demand” mode and is distinct from the Thermal Monitor feature. On-Demand mode is
intended as a means to reduce system level power consumption. Systems using the
processor must not rely on software usage of this mechanism to limit the processor
temperature.
If bit 4 of the ACPI P_CNT Control Register (located in the processor
IA32_THERM_CONTROL MSR) is written to a '1', the processor will immediately reduce
its power consumption via modulation (starting and stopping) of the internal core clock,
independent of the processor temperature. When using On-Demand mode, the duty
cycle of the clock modulation is programmable via bits 3:1 of the same ACPI P_CNT
Control Register. In On-Demand mode, the duty cycle can be programmed from 12.5%
on/87.5% off, to 87.5% on/12.5% off in 12.5% increments. On-Demand mode may be
used in conjunction with the Thermal Monitor. If the system tries to enable On-Demand
mode at the same time the TCC is engaged, the factory configured duty cycle of the
TCC will override the duty cycle selected by the On-Demand mode.
Figure 18.
Thermal Monitor 2 Frequency and Voltage Ordering
VID
Frequency
Temperature
T
TM2
f
MAX
f
TM2
VID
VID
TM2
PROCHOT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com