Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 73 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 73 Page - Intel Corporation

Back Button 430 Datasheet HTML 69Page - Intel Corporation 430 Datasheet HTML 70Page - Intel Corporation 430 Datasheet HTML 71Page - Intel Corporation 430 Datasheet HTML 72Page - Intel Corporation 430 Datasheet HTML 73Page - Intel Corporation 430 Datasheet HTML 74Page - Intel Corporation 430 Datasheet HTML 75Page - Intel Corporation 430 Datasheet HTML 76Page - Intel Corporation 430 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
Datasheet
73
Land Listing and Signal Descriptions
THERMTRIP#
Output
In the event of a catastrophic cooling failure, the processor will
automatically shut down when the silicon has reached a temperature
approximately 20 °C above the maximum T
C. Assertion of
THERMTRIP# (Thermal Trip) indicates the processor junction
temperature has reached a level beyond where permanent silicon
damage may occur. Upon assertion of THERMTRIP#, the processor
will shut off its internal clocks (thus, halting program execution) in
an attempt to reduce the processor junction temperature. To protect
the processor, its core voltage (V
CC) must be removed following the
assertion of THERMTRIP#. Driving of the THERMTRIP# signal is
enabled within 10 μs of the assertion of PWRGOOD (provided VTT
and VCC are valid) and is disabled on de-assertion of PWRGOOD (if
VTT or VCC are not valid, THERMTRIP# may also be disabled). Once
activated, THERMTRIP# remains latched until PWRGOOD, VTT, or
VCC is de-asserted. While the de-assertion of the PWRGOOD, VTT, or
VCC will de-assert THERMTRIP#, if the processor’s junction
temperature remains at or above the trip level, THERMTRIP# will
again be asserted within 10 μs of the assertion of PWRGOOD
(provided VTT and VCC are valid).
TMS
Input
TMS (Test Mode Select) is a JTAG specification support signal used
by debug tools.
TRDY#
Input
TRDY# (Target Ready) is asserted by the target to indicate that it is
ready to receive a write or implicit writeback data transfer. TRDY#
must connect the appropriate pins/lands of all FSB agents.
TRST#
Input
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST#
must be driven low during power on Reset.
VCC
Input
VCC are the power pins for the processor. The voltage supplied to
these pins is determined by the VID[6:0] pins.
VCCPLL
Input
VCCPLL provides isolated power for internal processor FSB PLLs.
VCC_SENSE
Output
VCC_SENSE is an isolated low impedance connection to processor
core power (VCC). It can be used to sense or measure voltage near
the silicon with little noise.
VCC_MB_
REGULATION
Output
This land is provided as a voltage regulator feedback sense point for
VCC. It is connected internally in the processor package to the sense
point land U27 as described in the Voltage Regulator-Down (VRD)
11 Design Guide For Desktop and Transportable LGA775 Socket.
VID[6:1]
Output
VID[6:1] (Voltage ID) signals are used to support automatic
selection of power supply voltages (VCC). Refer to the appropriate
platform design guide or the Voltage Regulator-Down (VRD) 11
Design Guide For Desktop and Transportable LGA775 Socket for
more information. The voltage supply for these signals must be valid
before the VR can supply VCC to the processor. Conversely, the VR
output must be disabled until the voltage supply for the VID signals
becomes valid. The VID signals are needed to support the processor
voltage specification variations. See Table 2 for definitions of these
signals. The VR must supply the voltage that is requested by the
signals, or disable itself.
VID_SELECT
Output
This land is tied high on the processor package and is used by the
VR to choose the proper VID table. Refer to the Voltage Regulator-
Down (VRD) 11 Design Guide For Desktop and Transportable
LGA775 Socket for more information.
Table 25.
Signal Description ( (Sheet 8 of 9))
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com