Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 83 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 83 Page - Intel Corporation

Back Button 430 Datasheet HTML 79Page - Intel Corporation 430 Datasheet HTML 80Page - Intel Corporation 430 Datasheet HTML 81Page - Intel Corporation 430 Datasheet HTML 82Page - Intel Corporation 430 Datasheet HTML 83Page - Intel Corporation 430 Datasheet HTML 84Page - Intel Corporation 430 Datasheet HTML 85Page - Intel Corporation 430 Datasheet HTML 86Page - Intel Corporation 430 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
Datasheet
83
Thermal Specifications and Design Considerations
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Same as IFW in Table 28.
3.
Preliminary data. Will be characterized across a temperature range of 50–80 °C.
4.
Not 100% tested. Specified by design characterization.
5.
The ideality factor, nQ, represents the deviation from ideal transistor model behavior as
exemplified by the equation for the collector current:
IC = IS * (e
qVBE/nQkT –1)
Where IS = saturation current, q = electronic charge, VBE = voltage across the transistor
base emitter junction (same nodes as VD), k = Boltzmann Constant, and T = absolute
temperature (Kelvin).
6.
The series resistance, RT, provided in the Diode Model Table (Table 28) can be used for
more accurate readings as needed.
The Intel® Celeron® processor 400 Series does not support the diode correction offset
that exists on other Intel processors.
Table 29.
Thermal “Diode” Parameters using Transistor Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
µA
1, 2
IE
Emitter Current
5
—
200
nQ
Transistor Ideality
0.997
1.001
1.005
-
3, 4, 5
Beta
0.391
—
0.760
3, 4
RT
Series Resistance
2.79
4.52
6.24
Ω
3, 6
Table 30.
Thermal Diode Interface
Signal Name
Land Number
Signal
Description
THERMDA
AL1
diode anode
THERMDC
AK1
diode cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com