Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 8 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 430 Datasheet HTML 4Page - Intel Corporation 430 Datasheet HTML 5Page - Intel Corporation 430 Datasheet HTML 6Page - Intel Corporation 430 Datasheet HTML 7Page - Intel Corporation 430 Datasheet HTML 8Page - Intel Corporation 430 Datasheet HTML 9Page - Intel Corporation 430 Datasheet HTML 10Page - Intel Corporation 430 Datasheet HTML 11Page - Intel Corporation 430 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8
Datasheet
Intel® Celeron® Processor 400
Series Features
The Intel Celeron processor 400 series delivers Intel's advanced, powerful processors for desktop PCs.
The processor is designed to deliver performance across applications and usages where end-users can
truly appreciate and experience the performance. These applications include Internet audio and
streaming video, image processing, video content creation, speech, 3D, CAD, games, multimedia, and
multitasking user environments.
Intel® 64 architecture enables the processor to execute operating systems and applications written to
take advantage of the Intel 64 architecture. The Intel Celeron processor 400 series also include the
Execute Disable Bit capability. This feature, combined with a supported operating system, allows
memory to be marked as executable or non-executable.
§
• Available at 1.60 GHz, 1.8 GHz, 2.00 GHz,
2.2 GHz
•Supports Intel® 64 architecture
• Supports Execute Disable Bit capability
• Binary compatible with applications running
on previous members of the Intel
microprocessor line
• FSB frequency at 800 MHz
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• Two 32-KB Level 1 data caches
• 1 MB and 512KB Advanced Smart Cache
• Advanced Digital Media Boost
• Enhanced floating point and multimedia unit
for enhanced video, audio, encryption, and 3D
performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved
cache hit rate on load/store operations
• 775-land Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com