Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 26 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 430 Datasheet HTML 22Page - Intel Corporation 430 Datasheet HTML 23Page - Intel Corporation 430 Datasheet HTML 24Page - Intel Corporation 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation 430 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
Electrical Specifications
26
Datasheet
.
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical
low value.
3.
The VTT referred to in these specifications refers to instantaneous VTT.
4.
VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical
high value.
5.
VIH and VOH may experience excursions above VTT. .
6.
All outputs are open drain.
7.
IOL is measured at 0.10 * VTT. IOH is measured at 0.90 * VTT.
8.
Leakage to VSS with land held at VTT.
9.
Leakage to VTT with land held at 300 mV
Table 13.
CMOS Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
VIL
Input Low Voltage
-0.10
VTT * 0.30
V
2, 3
VIH
Input High Voltage
VTT * 0.70
VTT + 0.10
V
4, 5, 3
VOL
Output Low Voltage
-0.10
VTT * 0.10
V
3
VOH
Output High Voltage
0.90 * VTT
VTT + 0.10
V
6, 5, 3
IOL
Output Low Current
1.70
4.70
mA
3, 7
IOH
Output High Current
1.70
4.70
mA
3, 7
I
LI
Input Leakage Current
N/A
± 100
µA
8
I
LO
Output Leakage Current
N/A
± 100
µA
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com