Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 70 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 70 Page - Intel Corporation

Back Button 430 Datasheet HTML 66Page - Intel Corporation 430 Datasheet HTML 67Page - Intel Corporation 430 Datasheet HTML 68Page - Intel Corporation 430 Datasheet HTML 69Page - Intel Corporation 430 Datasheet HTML 70Page - Intel Corporation 430 Datasheet HTML 71Page - Intel Corporation 430 Datasheet HTML 72Page - Intel Corporation 430 Datasheet HTML 73Page - Intel Corporation 430 Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
Land Listing and Signal Descriptions
70
Datasheet
HIT#
HITM#
Input/
Output
Input/
Output
HIT# (Snoop Hit) and HITM# (Hit Modified) convey transaction
snoop operation results. Any FSB agent may assert both HIT# and
HITM# together to indicate that it requires a snoop stall, which can
be continued by reasserting HIT# and HITM# together.
IERR#
Output
IERR# (Internal Error) is asserted by a processor as the result of an
internal error. Assertion of IERR# is usually accompanied by a
SHUTDOWN transaction on the processor FSB. This transaction may
optionally be converted to an external error signal (e.g., NMI) by
system core logic. The processor will keep IERR# asserted until the
assertion of RESET#.
This signal does not have on-die termination. Refer to Section 2.6.2
for termination requirements.
IGNNE#
Input
IGNNE# (Ignore Numeric Error) is asserted to the processor to
ignore a numeric error and continue to execute noncontrol floating-
point instructions. If IGNNE# is de-asserted, the processor
generates an exception on a noncontrol floating-point instruction if a
previous floating-point instruction caused an error. IGNNE# has no
effect when the NE bit in control register 0 (CR0) is set.
IGNNE# is an asynchronous signal. However, to ensure recognition
of this signal following an Input/Output write instruction, it must be
valid along with the TRDY# assertion of the corresponding Input/
Output Write bus transaction.
INIT#
Input
INIT# (Initialization), when asserted, resets integer registers inside
the processor without affecting its internal caches or floating-point
registers. The processor then begins execution at the power-on
Reset vector configured during power-on configuration. The
processor continues to handle snoop requests during INIT#
assertion. INIT# is an asynchronous signal and must connect the
appropriate pins/lands of all processor FSB agents.
ITP_CLK[1:0]
Input
ITP_CLK[1:0] are copies of BCLK that are used only in processor
systems where no debug port is implemented on the system board.
ITP_CLK[1:0] are used as BCLK[1:0] references for a debug port
implemented on an interposer. If a debug port is implemented in the
system, ITP_CLK[1:0] are no connects in the system. These are not
processor signals.
LINT[1:0]
Input
LINT[1:0] (Local APIC Interrupt) must connect the appropriate pins/
lands of all APIC Bus agents. When the APIC is disabled, the LINT0
signal becomes INTR, a maskable interrupt request signal, and
LINT1 becomes NMI, a nonmaskable interrupt. INTR and NMI are
backward compatible with the signals of those names on the
Pentium processor. Both signals are asynchronous.
Both of these signals must be software configured via BIOS
programming of the APIC register space to be used either as NMI/
INTR or LINT[1:0]. Because the APIC is enabled by default after
Reset, operation of these signals as LINT[1:0] is the default
configuration.
Table 25.
Signal Description ( (Sheet 5 of 9))
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com