Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 71 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 71 Page - Intel Corporation

Back Button 430 Datasheet HTML 67Page - Intel Corporation 430 Datasheet HTML 68Page - Intel Corporation 430 Datasheet HTML 69Page - Intel Corporation 430 Datasheet HTML 70Page - Intel Corporation 430 Datasheet HTML 71Page - Intel Corporation 430 Datasheet HTML 72Page - Intel Corporation 430 Datasheet HTML 73Page - Intel Corporation 430 Datasheet HTML 74Page - Intel Corporation 430 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
Datasheet
71
Land Listing and Signal Descriptions
LOCK#
Input/
Output
LOCK# indicates to the system that a transaction must occur
atomically. This signal must connect the appropriate pins/lands of all
processor FSB agents. For a locked sequence of transactions,
LOCK# is asserted from the beginning of the first transaction to the
end of the last transaction.
When the priority agent asserts BPRI# to arbitrate for ownership of
the processor FSB, it will wait until it observes LOCK# de-asserted.
This enables symmetric agents to retain ownership of the processor
FSB throughout the bus locked operation and ensure the atomicity
of lock.
PECI
Input/
Output
PECI is a proprietary one-wire bus interface. See Section 5.4 for
details.
PROCHOT#
Input/
Output
As an output, PROCHOT# (Processor Hot) will go active when the
processor temperature monitoring sensor detects that the processor
has reached its maximum safe operating temperature. This indicates
that the processor Thermal Control Circuit (TCC) has been activated,
if enabled. As an input, assertion of PROCHOT# by the system will
activate the TCC, if enabled. The TCC will remain active until the
system de-asserts PROCHOT#. See Section 5.2.4 for more details.
PWRGOOD
Input
PWRGOOD (Power Good) is a processor input. The processor
requires this signal to be a clean indication that the clocks and
power supplies are stable and within their specifications. ‘Clean’
implies that the signal will remain low (capable of sinking leakage
current), without glitches, from the time that the power supplies are
turned on until they come within specification. The signal must then
transition monotonically to a high state. PWRGOOD can be driven
inactive at any time, but clocks and power must again be stable
before a subsequent rising edge of PWRGOOD.
The PWRGOOD signal must be supplied to the processor; it is used
to protect internal circuits against voltage sequencing issues. It
should be driven high throughout boundary scan operation.
REQ[4:0]#
Input/
Output
REQ[4:0]# (Request Command) must connect the appropriate pins/
lands of all processor FSB agents. They are asserted by the current
bus owner to define the currently active transaction type. These
signals are source synchronous to ADSTB0#.
RESET#
Input
Asserting the RESET# signal resets the processor to a known state
and invalidates its internal caches without writing back any of their
contents. For a power-on Reset, RESET# must stay active for at
least one millisecond after VCC and BCLK have reached their proper
specifications. On observing active RESET#, all FSB agents will de-
assert their outputs within two clocks. RESET# must not be kept
asserted for more than 10 ms while PWRGOOD is asserted.
A number of bus signals are sampled at the active-to-inactive
transition of RESET# for power-on configuration. These
configuration options are described in the Section 6.1.
This signal does not have on-die termination and must be
terminated on the system board.
RESERVED
All RESERVED lands must remain unconnected. Connection of these
lands to VCC, VSS, VTT, or to any other signal (including each other)
can result in component malfunction or incompatibility with future
processors.
Table 25.
Signal Description ( (Sheet 6 of 9))
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com