Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 28 Page - Intel Corporation

Part # 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 430 Datasheet HTML 24Page - Intel Corporation 430 Datasheet HTML 25Page - Intel Corporation 430 Datasheet HTML 26Page - Intel Corporation 430 Datasheet HTML 27Page - Intel Corporation 430 Datasheet HTML 28Page - Intel Corporation 430 Datasheet HTML 29Page - Intel Corporation 430 Datasheet HTML 30Page - Intel Corporation 430 Datasheet HTML 31Page - Intel Corporation 430 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 100 page
background image
Electrical Specifications
28
Datasheet
2.8
Clock Specifications
2.8.1
Front Side Bus Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the processor’s core frequency is a
multiple of the BCLK[1:0] frequency. The processor bus ratio multiplier will be set at its
default ratio during manufacturing. Refer to Table 15 for the processor supported
ratios.
The processor uses a differential clocking implementation. For more information on the
processor clocking, contact your Intel field representative. Platforms using a CK505
Clock Synthhesizer/Driver should comply with the specifications in Section 2.8.4.
Platforms using a CK410 Clock Synthesizer/Driver should comply with the specifications
in Section 2.8.5.
NOTES:
1.
Individual processors operate only at or below the rated frequency.
2.
Listed frequencies are not necessarily committed production frequencies.
Table 15.
Core Frequency to FSB Multiplier Configuration
Multiplication of System
Core Frequency to FSB
Frequency
Core Frequency
(200 MHz BCLK/800 MHz
FSB)
Notes1, 2
1/6
1.20 GHz
-
1/7
1.40 GHz
-
1/8
1.60 GHz
-
1/9
1.80 GHz
-
1/10
2 GHz
-
1/11
2.2 GHz
-
1/12
2.4 GHz
-
1/13
2.6 GHz
-
1/14
2.8 GHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com