Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 49Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 50Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 51Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 52Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 53Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 54Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 55Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 56Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
53/81
Output driving current
Subject to general operating conditions for VDD and TA unless otherwise specified.
Table 27.
Output driving current (standard ports)
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 14 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
IIO = +2 mA,
VDD = 3.0 V
-0.45
V
IIO = +2 mA,
VDD = 1.8 V
-0.45
V
IIO = +10 mA,
VDD = 3.0 V
-1.2
V
VOH
(2)
2.
The IIO current sourced must always respect the absolute maximum rating specified in Table 14 and the
sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
IIO = -2 mA,
VDD = 3.0 V
VDD-0.45
-
V
IIO = -1 mA,
VDD = 1.8 V
VDD-0.45
-
V
IIO = -10 mA,
VDD = 3.0 V
VDD-1.2
-
V
Table 28.
Output driving current (true open drain ports)
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 14 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
IIO = +3 mA,
VDD = 3.0 V
-0.45
V
IIO = +1 mA,
VDD = 1.8 V
-0.45
V
Table 29.
Output driving current (PA0 with high sink LED driver capability)
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 14 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
IIO = +20 mA,
VDD = 2.0 V
-0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com