Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 41Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 42Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 43Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 44Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 45Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 46Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 47Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 48Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
45/81
Current consumption of on-chip peripherals
Measurement made for fMASTER = from 2 MHz to 16 MHz
Table 21.
Peripheral current consumption
Symbol
Parameter
Typ. VDD = 3.0 V
Unit
IDD(TIM2)
TIM2 supply current (1)
1.
Data based on a differential IDD measurement between all peripherals off and a timer counter running at
16 MHz. The CPU is in Wait mode in both cases. No IC/OC programmed, no I/O pin toggling. Not tested in
production.
9
µA/MHz
IDD(TIM3)
TIM3 supply current (1)
9
IDD(TIM4)
TIM4 timer supply current (1)
4
IDD(USART)
USART supply current (2)
2.
Data based on a differential IDD measurement between the on-chip peripheral when kept under reset and
not clocked and the on-chip peripheral when clocked and not kept under reset. The CPU is in Wait mode in
both cases. No I/O pin toggling. Not tested in production.
7
IDD(SPI)
SPI supply current (2)
4
IDD(I²C1)
I2C supply current (2)
4
IDD(COMP)
Comparator supply current (2)
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com