Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 43Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 44Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 45Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 46Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 47Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 48Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 49Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 50Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
47/81
Figure 17.
Typical HSI accuracy vs. temperature, VDD = 3 V
Figure 18.
Typical HSI accuracy vs. temperature, VDD = 1.65 V to 3.6 V
Low speed internal RC oscillator (LSI)
Table 23.
LSI oscillator characteristics (1)
1.
VDD = 1.65 V to 3.6 V, TA = -40 to 125 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
Frequency
26
38
56
kHz
fdrift(LSI)
LSI oscillator frequency
drift(2)
2.
For each individual part, this value is the frequency drift from the initial measured frequency.
0 °C
≤TA ≤ 85 °C
-12
-
11
%
ai17021
-5.0%
-4.5%
-4.0%
-3.5%
-3.0%
-2.5%
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
1.5%
2.0%
2.5%
3.0%
3.5%
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
Temperature (°C)
3V min
3V typical
3V max
ai17019
-5.0%
-4.5%
-4.0%
-3.5%
-3.0%
-2.5%
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
1.5%
2.0%
2.5%
3.0%
3.5%
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140
Temperature (°C)
Min 1.65V-3.6V
Max 1.65V-3.6V
3V typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com