Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 1 Page - STMicroelectronics

  STM8L101F1P6ATR Datasheet HTML 1Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 2Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 3Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 4Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 5Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 6Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 7Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 8Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
October 2010
Doc ID 15275 Rev 11
1/81
1
STM8L101xx
8-bit ultralow power microcontroller with up to 8 Kbytes Flash,
multifunction timers, comparators, USART, SPI, I2C
Features
■ Main microcontroller features
– Supply voltage range 1.65 V to 3.6 V
– Low power consumption (Halt: 0.3 µA,
Active-halt: 0.8 µA, Dynamic Run:
150 µA/MHz)
– STM8 Core with up to 16 CISC MIPS
throughput
– Temp. range: -40 to 85 °C and 125 °C
■
Memories
– Up to 8 Kbytes of Flash program including
up to 2 Kbytes of data EEPROM
– Error correction code (ECC)
– Flexible write and read protection modes
– In-application and in-circuit programming
– Data EEPROM capability
– 1.5 Kbytes of static RAM
■
Clock management
– Internal 16 MHz RC with fast wakeup time
(typ. 4 µs)
– Internal low consumption 38 kHz RC
driving both the IWDG and the AWU
■ Reset and supply management
– Ultralow power, ultrasafe power-on-reset
/power down reset
– Three low power modes: Wait, Active-halt,
Halt
■ Interrupt management
– Nested interrupt controller with software
priority control
– Up to 29 external interrupt sources
■ I/Os
– Up to 30 I/Os, all mappable on external
interrupt vectors
– I/Os with prog. input pull-ups, high
sink/source capability and one LED driver
infrared output
■ Peripherals
– Two 16-bit general purpose timers (TIM2
and TIM3) with up and down counter and 2
channels (used as IC, OC, PWM)
– One 8-bit timer (TIM4) with 7-bit prescaler
– Infrared remote control (IR)
– Independent watchdog
– Auto-wakeup unit
– Beeper timer with 1, 2 or 4 kHz frequencies
– SPI synchronous serial interface
– Fast I2C Multimaster/slave 400 kHz
– USART with fractional baud rate generator
– 2 comparators with 4 inputs each
■ Development support
– Hardware single wire interface module
(SWIM) for fast on-chip programming and
non intrusive debugging
– In-circuit emulation (ICE)
■ 96-bit unique ID
Table 1.
Device summary
Reference
Part number
STM8L101xx
STM8L101F1, STM8L101F2,
STM8L101F3,
STM8L101G2, STM8L101G3
STM8L101K3
UFQFPN28
UFQFPN32
LQFP32
TSSOP20
UFQFPN20
www.st.com


Similar Part No. - STM8L101F1P6ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101F2 STMICROELECTRONICS-STM8L101F2 Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
STM8L101F2P3 STMICROELECTRONICS-STM8L101F2P3 Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
STM8L101F2P3A STMICROELECTRONICS-STM8L101F2P3A Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
STM8L101F2P3ATR STMICROELECTRONICS-STM8L101F2P3ATR Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
STM8L101F2P3TR STMICROELECTRONICS-STM8L101F2P3TR Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
More results

Similar Description - STM8L101F1P6ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I²C
23-Jun-2008
STM8AF61XX STMICROELECTRONICS-STM8AF61XX Datasheet
1Mb / 100P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
22-Aug-2008
STM8L101XX STMICROELECTRONICS-STM8L101XX Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L15 STMICROELECTRONICS-STM8L15 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
06-Jul-2012
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8L001J3 STMICROELECTRONICS-STM8L001J3 Datasheet
1Mb / 58P
8-bit ultra-low-power microcontroller with up to 8-Kbyte Flash memory, multifunction timers, comparators, UART, SPI, I2C
September 2020
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com