Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 28Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 29Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 30Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 31Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 32Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 33Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 34Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 35Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
Interrupt vector mapping
STM8L101xx
32/81
Doc ID 15275 Rev 11
6
Interrupt vector mapping
Table 9.
Interrupt mapping
IRQ
No.
Source
block
Description
Wakeup
from Halt
mode
Wakeup
from
Active-halt
mode
Wakeup
from Wait
(WFI
mode)
Wakeup
from Wait
(WFE
mode)
Vector
address
RESET
Reset
Yes
Yes
Yes
Yes
0x00 8000
TRAP
Software interrupt
-
-
-
-
0x00 8004
0Reserved
0x00 8008
1
FLASH
EOP/WR_PG_DIS
-
-
Yes
Yes(1)
0x00 800C
2-3
Reserved
-
-
-
-
0x00 8010
-0x00 8017
4
AWU
Auto wakeup from Halt
-
Yes
Yes
Yes(1)
0x00 8018
5
Reserved
-
-
-
-
0x00 801C
6
EXTIB
External interrupt port B
Yes
Yes
Yes
Yes
0x00 8020
7
EXTID
External interrupt port D
Yes
Yes
Yes
Yes
0x00 8024
8
EXTI0
External interrupt 0
Yes
Yes
Yes
Yes
0x00 8028
9
EXTI1
External interrupt 1
Yes
Yes
Yes
Yes
0x00 802C
10
EXTI2
External interrupt 2
Yes
Yes
Yes
Yes
0x00 8030
11
EXTI3
External interrupt 3
Yes
Yes
Yes
Yes
0x00 8034
12
EXTI4
External interrupt 4
Yes
Yes
Yes
Yes
0x00 8038
13
EXTI5
External interrupt 5
Yes
Yes
Yes
Yes
0x00 803C
14
EXTI6
External interrupt 6
Yes
Yes
Yes
Yes
0x00 8040
15
EXTI7
External interrupt 7
Yes
Yes
Yes
Yes
0x00 8044
16
Reserved
0x00 8048
17
Reserved
-
-
-
-
0x00 804C
-0x00 804F
18
COMP
Comparators
-
-
Yes
Yes(1)
0x00 8050
19
TIM2
Update
/Overflow/Trigger/Break
-
-
Yes
Yes
0x00 8054
20
TIM2
Capture/Compare
-
-
Yes
Yes
0x00 8058
21
TIM3
Update /Overflow/Break
-
-
Yes
Yes(1)
0x00 805C
22
TIM3
Capture/Compare
-
-
Yes
Yes(1)
0x00 8060
23-
24
Reserved
-
---
0x00 8064-
0x00 806B
25
TIM4
Update /Trigger
-
-
Yes
Yes(1)
0x00 806C
26
SPI
End of Transfer
Yes
Yes
Yes
Yes(1)
0x00 8070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com