Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 39Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 40Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 41Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 42Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 43Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 44Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 45Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 46Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
43/81
1.
Typical current consumption measured with code executed from Flash.
Table 19.
Total current consumption in Wait mode(1)
1.
Based on characterization results, unless otherwise specified.
Symbol
Parameter
Conditions
Typ
Max(2)
2.
Maximum values are given for TA = -40 to 125 °C.
Unit
IDD (Wait)
Supply
current in
Wait mode
CPU not clocked,
all peripherals off,
HSI internal RC osc.
fMASTER = 2 MHz
245
400
µA
fMASTER = 4 MHz
300
450
fMASTER = 8 MHz
380
600
fMASTER = 16 MHz
510
800
Figure 13.
IDD(WAIT) vs. VDD, fCPU = 2 MHz
Figure 14.
IDD(WAIT) vs. VDD,fCPU = 16 MHz
ai17015
0
50
100
150
200
250
300
1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1 3.2 3.3 3.4 3.5 3.6
VDD [V]
-40°C
25°C
85°C
125°C
ai17016
200
250
300
350
400
450
500
550
600
1.6
2.1
2.6
3.1
3.6
V
DD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com