Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 42Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 43Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 44Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 45Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 46Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 47Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 48Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 49Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
Electrical parameters
STM8L101xx
46/81
Doc ID 15275 Rev 11
9.3.4
Clock and timing characteristics
Internal clock sources
Subject to general operating conditions for VDD and TA.
High speed internal RC oscillator (HSI)
Figure 16.
Typical HSI frequency vs. VDD
Table 22.
HSI oscillator characteristics (1)
1.
VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
VDD = 3.0 V
-
16
-
MHz
ACCHSI
Accuracy of HSI
oscillator
(factory calibrated)
VDD = 3.0 V, TA = 25 °C
-1
1
%
VDD = 3.0 V, -10 °C ≤TA ≤ 85 °C
-2.5
2
%
VDD = 3.0 V, -10 °C ≤TA ≤ 125 °C
-4.5
2
%
VDD = 3.0 V, 0 °C ≤TA ≤ 55 °C
-1.5(2)
2.
Data based on characterization results, not tested in production.
1.5(2)
%
VDD = 3.0 V, -10 °C ≤TA ≤ 70 °C
-2(2)
2(2)
%
1.65 V
≤ VDD ≤ 3.6 V,
-40 °C
≤ TA ≤125 °C
-4.5(2)
3(2)
%
IDD(HSI)
HSI oscillator power
consumption
-
70
100(2)
µA
ai17013
15
15.2
15.4
15.6
15.8
16
16.2
16.4
16.6
16.8
17
1.65 1.8 1.95 2.1 2.25 2.4 2.55 2.7 2.85
3
3.15 3.3 3.45 3.6
V
DD [V]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com