Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 50Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 51Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 52Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 53Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 54Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 55Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 56Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 57Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
Electrical parameters
STM8L101xx
54/81
Doc ID 15275 Rev 11
Figure 24.
Typ. VOL at VDD = 3.0 V (standard
ports)
Figure 25.
Typ. VOL at VDD = 1.8 V (standard
ports)
ai17005
0
0.25
0.5
0.75
1
1.25
1.5
0
5
10
15
20
25
I
OL [mA]
-40°C
25°C
85°C
125°C
0
0.1
0.2
0.3
0.4
0.5
01
2345
67
I
OL [mA]
-40°C
25°C
85°C
125°C
ai17004
Figure 26.
Typ. VOL at VDD = 3.0 V (true open
drain ports)
Figure 27.
Typ. VOL at VDD = 1.8 V (true open
drain ports)
ai17003
0
0.1
0.2
0.3
0.4
0.5
01
234
5
6
I
OL [mA]
-40°C
25°C
85°C
125°C
ai17002
0
0.1
0.2
0.3
0.4
0.5
00.5
11.5
2
2.5
3
I
OL [mA]
-40°C
25°C
85°C
125°C
Figure 28.
Typ. VDD - VOH at VDD = 3.0 V
(standard ports)
Figure 29.
Typ. VDD - VOH at VDD = 1.8 V
(standard ports)
ai17001
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
02
46
8
10
12
14
16
18
20
22
24
I
OH [mA]
-40°C
25°C
85°C
125°C
0
0.1
0.2
0.3
0.4
0123
4
56
I
OH [mA]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com