Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 45Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 46Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 47Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 48Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 49Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 50Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 51Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 52Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
49/81
9.3.5
Memory characteristics
TA = -40 to 125 °C unless otherwise specified.
Table 24.
RAM and hardware registers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode (1)
1.
Minimum supply voltage without losing data stored in RAM (in Halt mode or under Reset) or in hardware
registers (only in Halt mode). Guaranteed by characterization, not tested in production.
Flash memory
Halt mode (or Reset)
1.4
-
-
V
Table 25.
Flash program memory
Symbol
Parameter
Conditions
Min
Typ
Max
(1)
Unit
VDD
Operating voltage
(all modes, read/write/erase)
fMASTER = 16 MHz
1.65
-
3.6
V
tprog
Programming time for 1- or 64-byte (block)
erase/write cycles (on programmed byte)
-6
-
ms
Programming time for 1- to 64-byte (block)
write cycles (on erased byte)
-3
-
ms
Iprog
Programming/ erasing consumption
TA=+25 °C, VDD = 3.0 V
-
0.7
-
mA
TA=+25 °C, VDD = 1.8 V
-
-
tRET
Data retention (program memory)
after 10k erase/write cycles
at TA = +85 °C
TRET = 55 °C
20(1)
--
years
Data retention (data memory)
after 10k erase/write cycles
at TA = +85 °C
TRET = 55 °C
20(1)
--
Data retention (data memory)
after 300k erase/write cycles
at TA = +125 °C
TRET = 85 °C
1(1)
--
NRW
Erase/write cycles (program memory)
See notes (1)(2)
10(1)
--
kcycles
Erase/write cycles (data memory)
See notes (1)(3)
300(1)(4)
--
1.
Data based on characterization results, not tested in production.
2.
Retention guaranteed after cycling is 10 years at 55 °C.
3.
Retention guaranteed after cycling is 1 year at 55 °C.
4.
Data based on characterization performed on the whole data memory (2 Kbytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com