Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 65Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 66Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 67Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 68Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 69Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 70Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 71Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 72Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
STM8L101xx
Package characteristics
Doc ID 15275 Rev 11
69/81
Figure 39.
LQFP32 - 32-pin low profile quad flat
package outline (7 x 7)(1)
Figure 40.
LQFP32 recommended
footprint(1)(2)
1.
Drawing is not to scale.
2.
Dimensions are in millimeters.
Table 40.
LQFP32- 32-pin low profile quad flat package (7x7), package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A1.6
0.063
A1
0.05
0.15
0.002
0.0059
A2
1.35
1.4
1.45
0.0531
0.0551
0.0571
b
0.3
0.37
0.45
0.0118
0.0146
0.0177
c
0.09
0.2
0.0035
0.0079
D
8.8
9
9.2
0.3465
0.3543
0.3622
D1
6.8
7
7.2
0.2677
0.2756
0.2835
D3
5.6
0.2205
E
8.8
9
9.2
0.3465
0.3543
0.3622
E1
6.8
7
7.2
0.2677
0.2756
0.2835
E3
5.6
0.2205
e
0.8
0.0315
L
0.45
0.6
0.75
0.0177
0.0236
0.0295
L1
1
0.0394
K
0.0°
3.5°
7.0°
0.0°
3.5°
7.0°
ccc
0.1
0.0039
Number of pins
N32
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Seating
plane
C
AA2
A1
b
c
A1
L
L1
0.25 mm
Gage plane
K
D
D1
D3
24
17
16
25
E3
E1
E
9
32
18
Pin 1
identification
e
5V_ME
ccc
C
5V_FT
32
1
8
9
25
24
17
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com