Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 53Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 54Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 55Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 56Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 57Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 58Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 59Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 60Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
STM8L101xx
Electrical parameters
Doc ID 15275 Rev 11
57/81
9.3.7
Communication interfaces
Serial peripheral interface (SPI)
Unless otherwise specified, the parameters given in Table 31 are derived from tests
performed under ambient temperature, fMASTER frequency and VDD supply voltage
conditions summarized in Section 9.3.1. Refer to I/O port characteristics for more details on
the input/output alternate function characteristics (NSS, SCK, MOSI, MISO).
Table 31.
SPI characteristics
Symbol
Parameter
Conditions(1)
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
0
8
MHz
Slave mode
0
8
tr(SCK)
tf(SCK)
SPI clock rise and fall time Capacitive load: C = 30 pF
-
30
ns
tsu(NSS)
(2)
NSS setup time
Slave mode
4 x TMASTER
-
th(NSS)
(2)
NSS hold time
Slave mode
80
-
tw(SCKH)
(2)
tw(SCKL)
(2)
SCK high and low time
Master mode,
fMASTER = 8 MHz, fSCK= 4 MHz
105
145
tsu(MI)
(2)
tsu(SI)
(2)
Data input setup time
Master mode
30
-
Slave mode
3
-
th(MI)
(2)
th(SI)
(2)
Data input hold time
Master mode
15
-
Slave mode
0
-
ta(SO)
(2)(3)
Data output access time
Slave mode
-
3x TMASTER
tdis(SO)
(2)(4)
Data output disable time
Slave mode
30
-
tv(SO)
(2)
Data output valid time
Slave mode (after enable edge)
-
60
tv(MO)
(2)
Data output valid time
Master mode
(after enable edge)
-20
th(SO)
(2)
Data output hold time
Slave mode (after enable edge)
15
-
th(MO)
(2)
Master mode
(after enable edge)
1-
1.
Parameters are given by selecting 10-MHz I/O output frequency.
2.
Values based on design simulation and/or characterization results, and not tested in production.
3.
Min time is for the minimum time to drive the output and max time is for the maximum time to validate the data.
4.
Min time is for the minimum time to invalidate the output and max time is for the maximum time to put the data in Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com