Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 69Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 70Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 71Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 72Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 73Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 74Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 75Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 76Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
STM8L101xx
Device ordering information
Doc ID 15275 Rev 11
73/81
11
Device ordering information
Figure 47.
STM8L101xx ordering information scheme
1.
For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest to
you.
STM8
L
101
F
3
U
6
A
TR
Product class
STM8 microcontroller
Pin count
K = 32 pins
G = 28 pins
F = 20 pins
Package
U = UFQFPN
T = LQFP
P = TSSOP
Example:
Sub-family type
101 = sub-family
Family type
L = Low power
Temperature range
3 = -40 °C to 125 °C
6 = -40 °C to 85 °C
Program memory size
1 = 2 Kbytes
2 = 4 Kbytes
3 = 8 Kbytes
COMP_REF availability on UFQFPN20 and UFQFPN28
A = COMP_REF available
Blank = COMP_REF not available
Shipping
TR = Tape and reel
Blank = Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com