Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 52Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 53Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 54Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 55Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 56Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 57Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 58Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 59Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
Electrical parameters
STM8L101xx
56/81
Doc ID 15275 Rev 11
Figure 31.
Typical NRST pull-up current Ipu vs. VDD
The reset network shown in Figure 32 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 30. Otherwise the reset is not taken into account internally. For power consumption-
sensitive applications, the capacity of the external reset capacitor can be reduced to limit the
charge/discharge current. If the NRST signal is used to reset the external circuitry, the user
must pay attention to the charge/discharge time of the external capacitor to meet the reset
timing conditions of the external devices. The minimum recommended capacity is 10 nF
Figure 32.
Recommended NRST pin
configuration
ai17006
0
20
40
60
80
100
120
1.65 1.8 1.95 2.1 2.25 2.4 2.55 2.7 2.85
3
3.15 3.3 3.45 3.6
V
DD [V]
-40°C
25°C
85°C
125°C
0.1
μF
EXTERNAL
RESET
CIRCUIT
STM8L
Filter
RPU
VDD
INTERNAL RESET
RSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com