Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 56Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 57Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 58Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 59Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 60Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 61Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 62Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 63Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
Electrical parameters
STM8L101xx
60/81
Doc ID 15275 Rev 11
Inter IC control interface (I2C)
Subject to general operating conditions for VDD, fMASTER, and TA unless otherwise specified.
The STM8L I2C interface meets the requirements of the Standard I2C communication
protocol described in the following table with the restriction mentioned below:
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDA and SCL).
Note:
For speeds around 200 kHz, achieved speed can have
± 5% tolerance
For other speed ranges, achieved speed can have
± 2% tolerance
The above variations depend on the accuracy of the external components used.
Table 32.
I2C characteristics
Symbol
Parameter
Standard mode
I2C
Fast mode I2C(1)
1.
fSCK must be at least 8 MHz to achieve max fast I
2C speed (400 kHz).
Unit
Min(2)
2.
Data based on standard I2C protocol requirement, not tested in production.
Max (2)
Min (2)
Max (2)
tw(SCLL)
SCL clock low time
4.7
-
1.3
-
μs
tw(SCLH)
SCL clock high time
4.0
-
0.6
-
tsu(SDA)
SDA setup time
250
-
100
-
ns
th(SDA)
SDA data hold time
0 (3)
3.
The maximum hold time of the START condition has only to be met if the interface does not stretch the low
period of SCL signal.
-0 (4)
4.
The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the
undefined region of the falling edge of SCL).
900 (3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
-
1000
-
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
-
300
-
300
th(STA)
START condition hold time
4.0
-
0.6
-
μs
tsu(STA)
Repeated START condition setup
time
4.7
-
0.6
-
tsu(STO)
STOP condition setup time
4.0
-
0.6
-
μs
tw(STO:STA)
STOP to START condition time
(bus free)
4.7
-
1.3
-
μs
Cb
Capacitive load for each bus line
-
400
-
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com