Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L101F1P6ATR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8L101F1P6ATR
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F1P6ATR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8L101F1P6ATR Datasheet HTML 21Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 22Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 23Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 24Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 25Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 26Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 27Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 28Page - STMicroelectronics STM8L101F1P6ATR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
STM8L101xx
Memory and register map
Doc ID 15275 Rev 11
25/81
Table 7.
General hardware register map
Address
Block
Register label
Register name
Reset
status
0x00 5050
Flash
FLASH_CR1
Flash control register 1
0x00
0x00 5051
FLASH_CR2
Flash control register 2
0x00
0x00 5052
FLASH _PUKR
Flash Program memory unprotection
register
0x00
0x00 5053
FLASH _DUKR
Data EEPROM unprotection register
0x00
0x00 5054
FLASH _IAPSR
Flash in-application programming status
register
0xX0
0x00 5055
to
0x00 509F
Reserved area (75 bytes)
0x00 50A0
ITC-EXTI
EXTI_CR1
External interrupt control register 1
0x00
0x00 50A1
EXTI_CR2
External interrupt control register 2
0x00
0x00 50A2
EXTI_CR3
External interrupt control register 3
0x00
0x00 50A3
EXTI_SR1
External interrupt status register 1
0x00
0x00 50A4
EXTI_SR2
External interrupt status register 2
0x00
0x00 50A5
EXTI_CONF
External interrupt port select register
0x00
0x00 50A6
WFE
WFE_CR1
WFE control register 1
0x00
0x00 50A7
WFE_CR2
WFE control register 2
0x00
0x00 50A8
to
0x00 50AF
Reserved area (8 bytes)
0x00 50B0
RST
RST_CR
Reset control register
0x00
0x00 50B1
RST_SR
Reset status register
0x01
0x00 50B2
to
0x00 50BF
Reserved area (14 bytes)
0x00 50C0
CLK
CLK_CKDIVR
Clock divider register
0x03
0x00 50C1
to
0x00 50C2
Reserved area (2 bytes)
0x00 50C3
CLK_PCKENR
Peripheral clock gating register
0x00
0x00 50C4
Reserved (1 byte)
0x00 50C5
CLK_CCOR
Configurable clock control register
0x00
0x00 50C6
to
0x00 50DF
Reserved area (25 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com