Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 51Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 52Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 53Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 54Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 55Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 56Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 57Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 58Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
STM8L151xx, STM8L152xx
Interrupt vector mapping
Doc ID 15962 Rev 5
55/122
24
TIM1
Capture/Compare
-
-
-
Yes(2)
0x00 8068
25
TIM4
Update/overflow/trigger
-
-
Yes
Yes(2)
0x00 806C
26
SPI1
End of Transfer
Yes
Yes
Yes
Yes(2)
0x00 8070
27
USART 1
Transmission
complete/transmit data
register empty
--
Yes
Yes(2)
0x00 8074
28
USART 1
Receive Register Data
full/overrun/idle line
detected/parity error
--
Yes
Yes(2)
0x00 8078
29
I2C1
I2C1 interrupt(4)
Yes
Yes
Yes
Yes(2)
0x00 807C
1.
The Low power wait mode is entered when executing a WFE instruction in Low power run mode.
2.
In WFE mode, this interrupt is served if it has been previously enabled. After processing the interrupt, the processor goes
back to WFE mode. When this interrupt is configured as a wakeup event, the CPU wakes up and resumes processing.
3.
The interrupt from PVD is logically OR-ed with Port E and F interrupts. Register EXTI_CONF allows to select between Port
E and Port F interrupt (see External interrupt port select register (EXTI_CONF) in the RM0031).
4.
The device is woken up from Halt or Active-halt mode only when the address received matches the interface address.
Table 10.
Interrupt mapping (continued)
IRQ
No.
Source
block
Description
Wakeup
from Halt
mode
Wakeup
from
Active-halt
mode
Wakeup
from Wait
(WFI
mode)
Wakeup
from Wait
(WFE
mode)(1)
Vector
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com