Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 81Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 82Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 83Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 84Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 85Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 86Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 87Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 88Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
85/122
9.3.6
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Table 36.
I/O static characteristics
Symbol
Parameter(1)
Conditions(1)
Min
Typ
Max
Unit
VIL
Input low level voltage(2)
Input voltage on true
open-drain pins (PC0
and PC1)
VSS -0.3
0.3 x VDD
V
Input voltage on FT
pins (PA7 and PE0)
VSS -0.3
0.3 x VDD
Input voltage on any
other pin
VSS -0.3
0.3 x VDD
VIH
Input high level voltage (2)
Input voltage on true
open-drain pins (PC0
and PC1)
with VDD < 2 V
0.70 x VDD
5.2
V
Input voltage on true
open-drain pins (PC0
and PC1)
with VDD ≥ 2 V
5.5
Input voltage on FT
pins (PA7 and PE0)
with VDD < 2 V
0.70 x VDD
5.2
Input voltage on FT
pins (PA7 and PE0)
with VDD ≥ 2 V
5.5
Input voltage on any
other pin
0.70 x VDD
VDD+0.3
Vhys
Schmitt trigger voltage hysteresis (3)
Standard I/Os
200
mV
True open drain I/Os
200
Ilkg
Input leakage current (4)
VSSVINVDD
Standard I/Os
--
50 (5)
nA
VSSVINVDD
True open drain I/Os
-
-
200(5)
VSSVINVDD
PA0 with high sink LED
driver capability
-
-
200(5)
RPU
Weak pull-up equivalent resistor(6)
VIN=VSS
30
45
60
k
Ω
CIO
(7)
I/O pin capacitance
5
pF
1.
VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com