Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 8Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 9Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 10Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 11Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 12Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 13Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 14Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 15Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
Description
STM8L151xx, STM8L152xx
12/122
Doc ID 15962 Rev 5
2.2
Ultralow power continuum
The Ultralow power STM8L151xx and STM8L152xx are fully pin-to-pin, software and feature
compatible. Besides the full compatibility within the family, the devices are part of
STMicroelectronics microcontrollers UtraLowPower strategy which also includes
STM8L101xx and STM32L15xxx. The STM8L and STM32L families allow a continuum of
performance, peripherals, system architecture, and features.
They are all based on STMicroelectronics 0.13 µm ultralow leakage process.
Note:
1
The STM8L151xx and STM8L152xx are pin-to-pin compatible with STM8L101xx devices.
2
The STM32L family is pin-to-pin compatible with the general purpose STM32F family.
Please refer to STM32L15x documentation for more information on these devices.
Performance
All families incorporate highly energy-efficient cores with both Harvard architecture and
pipelined execution: advanced STM8 core for STM8L families and ARM Cortex™-M3 core
for STM32L family. In addition specific care for the design architecture has been taken to
optimize the mA/DMIPS and mA/MHz ratios.
This allows the Ultralow power performance to range from 5 up to 33.3 DMIPs.
Shared peripherals
STM8L151xx/152xx and STM32L15xx share identical peripherals which ensure a very easy
migration from one family to another:
●
Analog peripherals: ADC1, DAC, and comparators COMP1/COMP2
●
Digital peripherals: RTC and some communication interfaces
Common system strategy
To offer flexibility and optimize performance, the STM8L151xx/152xx and STM32L15xx
devices use a common architecture:
●
Same power supply range from 1.8 to 3.6 V, down to 1.65 V at power down
●
Architecture optimized to reach ultralow consumption both in low power modes and
Run mode
●
Fast startup strategy from low power modes
●
Flexible system clock
●
Ultrasafe reset: same reset strategy for both STM8L15xxx and STM32L15xxx including
power-on reset, power-down reset, brownout reset and programmable voltage detector.
Features
ST UtraLowPower continuum also lies in feature compatibility:
●
More than 10 packages with pin count from 20 to 100 pins and size down to 3 x 3 mm
●
Memory density ranging from 4 to 128 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com