Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 75Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 76Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 77Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 78Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 79Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 80Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 81Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 82Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
79/122
9.3.4
Clock and timing characteristics
HSE external clock (HSEBYP = 1 in CLK_ECKCR)
Subject to general operating conditions for VDD and TA.
LSE external clock (LSEBYP=1 in CLK_ECKCR)
Subject to general operating conditions for VDD and TA.
Table 27.
Current consumption under external reset
Symbol
Parameter
Conditions
Typ
Unit
IDD(RST)
Supply current under
external reset (1)
All pins are externally
tied to VDD
VDD = 1.8 V
48
µA
VDD = 3 V
76
VDD = 3.6 V
91
1.
All pins except PA0, PB0 and PB4 are floating under reset. PA0, PB0 and PB4 are configured with pull-up under reset.
Table 28.
HSE external clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
External clock source
frequency(1)
1.
Guaranteed by design, not tested in production.
116
MHz
VHSEH
(2)
2.
Data based on characterization results, not tested in production.
OSC_IN input pin high level
voltage
0.7 x VDD
VDD
V
VHSEL
(2)
OSC_IN input pin low level
voltage
VSS
0.3 x VDD
Cin(HSE)
OSC_IN input
capacitance(1)
2.6
pF
ILEAK_HSE
OSC_IN input leakage
current
VSS < VIN < VDD
±1
µA
Table 29.
LSE external clock characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fLSE_ext
External clock source frequency(1)
32.768
kHz
VLSEH
(2)
OSC32_IN input pin high level voltage
0.7 x VDD
VDD
V
VLSEL
(2)
OSC32_IN input pin low level voltage
VSS
0.3 x VDD
Cin(LSE)
OSC32_IN input capacitance(1)
0.6
pF
ILEAK_LSE
OSC32_IN input leakage current
±1
µA
1.
Guaranteed by design, not tested in production.
2.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com