Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 31Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 32Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 33Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 34Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 35Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 36Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 37Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 38Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
STM8L151xx, STM8L152xx
Memory and register map
Doc ID 15962 Rev 5
35/122
5
Memory and register map
5.1
Memory mapping
The memory map is shown in Figure 9.
Figure 9.
Memory map
1.
Table 6 lists the boundary addresses for each memory size. The top of the stack is at the RAM end
address.
2.
The VREFINT_Factory_CONV byte represents the LSB of the VREFINT 12-bit ADC conversion result. The
MSB have a fixed value: 0x6.
3.
The TS_Factory_CONV_V90 byte represents the LSB of the V90 12-bit ADC conversion result. The MSB
have a fixed value: 0x3.
4.
Refer to Table 8 for an overview of hardware register mapping, to Table 7 for details on I/O port hardware
registers, and to Table 9 for information on CPU/SWIM/debug module controller registers.
GPIO and peripheral registers
0x00 0000
Reserved
Medium-density
(up to 32 Kbytes)
Reset and interrupt vectors
0x00 1000
0x00 13FF
RAM
0x00 07FF
(2 Kbytes) (1)
(513 bytes) (1)
0x00 1400
Data EEPROM
0x00 4800
0x00 48FF
0x00 4900
0x00 7FFF
0x00 8000
0x00 FFFF
0x00 0800
0x00 0FFF
0x00 47FF
0x00 7EFF
0x00 8080
0x00 807F
0x00 7F00
Reserved
Reserved
including
Stack
(1 Kbyte)
Option bytes
0x00 4FFF
0x00 5000
0x00 57FF
0x00 5800
Reserved
0x00 5FFF
Boot ROM
0x00 6000
0x00 67FF
(2 Kbytes)
0x00 6800
Reserved
CPU/SWIM/Debug/ITC
Registers
0x00 5000
GPIO Ports
0x00 5050
Flash
0x00 50C0
ITC-EXTI
0x00 50D3
RST
0x00 50E0
CLK
0x00 50F3
WWDG
0x00 5210
IWDG
0x00 5230
BEEP
0x00 5250
RTC
0x00 5280
SPI1
0x00 52B0
I2C1
0x00 52E0
USART1
TIM2
TIM3
TIM1
TIM4
IRTIM
ADC1
0x00 5070
DMA1
SYSCFG
DAC
LCD
RI
0x00 509E
0x00 50A0
0x00 50B0
0x00 5140
0x00 5200
0x00 52FF
0x00 5340
0x00 5380
0x00 5400
0x00 5430
0x00 5440
COMP
Flash program memory
WFE
0x00 50A6
0x00 50B2
PWR
0x00 4910
0x00 4911
0x00 4926
0x00 4925
0x00 4931
0x00 4932
0x00 4909
VREFINT_Factory_CONV(2)
TS_Factory_CONV_V90(3)
0x00 4912
Reserved
Unique ID
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com