Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 59Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 60Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 61Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 62Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 63Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 64Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 65Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 66Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
63/122
9.3
Operating conditions
Subject to general operating conditions for VDD and TA.
9.3.1
General operating conditions
Table 17.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fSYSCLK
(1)
System clock
frequency
1.65 V
≤VDD < 3.6 V
0
16
MHz
VDD
Standard operating
voltage
1.65(2)
3.6
V
VDDA
Analog operating
voltage
ADC not used
Must be at the same
potential as VDD
1.65(2)
3.6
V
ADC used
1.8
3.6
V
PD
(3)
Power dissipation at
TA= 85 °C for suffix 6
devices
UFQFPN48
288
mW
LQFP48
288
UFQFPN32
288
LQFP32
288
UFQFPN28
282
WLCSP28
286
Power dissipation at
TA= 125 °C for suffix 3
devices
UFQFPN48
288
LQFP48
77
UFQFPN32
227
LQFP32
85
UFQFPN28
70
WLCSP28
71
TA
Temperature range
1.65 V
≤VDD < 3.6 V (6 suffix version)
-40
85
°C
1.65 V
≤VDD < 3.6 V (3 suffix version)
-40
125
TJ
Junction temperature
range
-40 °C
≤TA < 85 °C
(6 suffix version)
-40
105
°C
-40 °C
≤ TA < 125 °C
(3 suffix version)
-40
130
1.
fSYSCLK = fCPU
2.
1.8 V at power-up, 1.65 V at power-down if BOR is disabled
3.
To calculate PDmax(TA), use the formula PDmax=(TJmax -TA)/
Θ
JA with TJmax in this table and
Θ
JA in “Thermal characteristics”
table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com