Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 15Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 16Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 17Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 18Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 19Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 20Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 21Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 22Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 122 page
background image
STM8L151xx, STM8L152xx
Functional overview
Doc ID 15962 Rev 5
19/122
3.6
LCD (Liquid crystal display)
The liquid crystal display drives up to 4 common terminals and up to 28 segment terminals
to drive up to 112 pixels.
●
Internal step-up converter to guarantee contrast control whatever VDD.
●
Static 1/2, 1/3, 1/4 duty supported.
●
Static 1/2, 1/3 bias supported.
●
Phase inversion to reduce power consumption and EMI.
●
Up to 4 pixels which can programmed to blink.
●
The LCD controller can operate in Halt mode.
Note:
Unnecessary segments and common pins can be used as general I/O pins.
3.7
Memories
The STM8L15xxx devices have the following main features:
●
Up to 2 Kbytes of RAM
●
The non-volatile memory is divided into three arrays:
–
Up to 32 Kbytes of medium-density embedded Flash program memory
–
1 Kbyte of Data EEPROM
–Option bytes.
The EEPROM embeds the error correction code (ECC) feature. It supports the read-while-
write (RWW): it is possible to execute the code from the program matrix while
programming/erasing the data matrix.
The option byte protects part of the Flash program memory from write and readout piracy.
3.8
DMA
A 4-channel direct memory access controller (DMA1) offers a memory-to-memory and
peripherals-from/to-memory transfer capability. The 4 channels are shared between the
following IPs with DMA capability: ADC1, DAC, I2C1, SPI1, USART1, the 4 Timers.
3.9
Analog-to-digital converter
●
12-bit analog-to-digital converter (ADC1) with 25 channels (including 1 fast channel),
temperature sensor and internal reference voltage
●
Conversion time down to 1 µs with fSYSCLK= 16 MHz
●
Programmable resolution
●
Programmable sampling time
●
Single and continuous mode of conversion
●
Scan capability: automatic conversion performed on a selected group of analog inputs
●
Analog watchdog
●
Triggered by timer
Note:
ADC1 can be served by DMA1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com