Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 67Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 68Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 69Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 70Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 71Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 72Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 73Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 74Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
71/122
Table 21.
Total current consumption and timing in Low power run mode at VDD = 1.65 V to
3.6 V
Symbol
Parameter(1)
Conditions(2)
Typ(1)
Max(1)
Unit
IDD(LPR)
Supply current in Low
power run mode
LSI RC osc.
(at 38 kHz)
all peripherals OFF
TA = -40 °C
to 25 °C
5.1
5.4
μA
TA = 55 °C
5.7
6
TA = 85 °C
6.8
7.5
TA = 105 °C
9.2
10.4
TA = 125 °C
13.4
16.6
with TIM2 active(3)
TA = -40 °C
to 25 °C
5.4
5.7
TA = 55 °C
6.0
6.3
TA = 85 °C
7.2
7.8
TA = 105 °C
9.4
10.7
TA = 125 °C
13.8
17
LSE (4) external
clock
(32.768 kHz)
all peripherals OFF
TA = -40 °C
to 25 °C
5.25
5.6
TA = 55 °C
5.67
6.1
TA = 85 °C
5.85
6.3
TA = 105 °C
7.11
7.6
TA = 125 °C
9.84
12
with TIM2 active (3)
TA = -40 °C
to 25 °C
5.59
6
TA = 55 °C
6.10
6.4
TA = 85 °C
6.30
7
TA = 105 °C
7.55
8.4
TA = 125 °C
10.1
15
1.
Based on characterization results, unless otherwise specified
2.
No floating I/Os
3.
Timer 2 clock enabled and counter running
4.
Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for extenal crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com