Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 36Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 37Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 38Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 39Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 40Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 41Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 42Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 43Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
Memory and register map
STM8L151xx, STM8L152xx
40/122
Doc ID 15962 Rev 5
0x00 50A0
ITC - EXTI
EXTI_CR1
External interrupt control register 1
0x00
0x00 50A1
EXTI_CR2
External interrupt control register 2
0x00
0x00 50A2
EXTI_CR3
External interrupt control register 3
0x00
0x00 50A3
EXTI_SR1
External interrupt status register 1
0x00
0x00 50A4
EXTI_SR2
External interrupt status register 2
0x00
0x00 50A5
EXTI_CONF1
External interrupt port select register 1
0x00
0x00 50A6
WFE
WFE_CR1
WFE control register 1
0x00
0x00 50A7
WFE_CR2
WFE control register 2
0x00
0x00 50A8
WFE_CR3
WFE control register 3
0x00
0x00 50A9
to
0x00 50AF
Reserved area (7 bytes)
0x00 50B0
RST
RST_CR
Reset control register
0x00
0x00 50B1
RST_SR
Reset status register
0x01
0x00 50B2
PWR
PWR_CSR1
Power control and status register 1
0x00
0x00 50B3
PWR_CSR2
Power control and status register 2
0x00
0x00 50B4
to
0x00 50BF
Reserved area (12 bytes)
0x00 50C0
CLK
CLK_DIVR
Clock master divider register
0x03
0x00 50C1
CLK_CRTCR
Clock RTC register
0x00
0x00 50C2
CLK_ICKR
Internal clock control register
0x11
0x00 50C3
CLK_PCKENR1
Peripheral clock gating register 1
0x00
0x00 50C4
CLK_PCKENR2
Peripheral clock gating register 2
0x80
0x00 50C5
CLK_CCOR
Configurable clock control register
0x00
0x00 50C6
CLK_ECKR
External clock control register
0x00
0x00 50C7
CLK_SCSR
System clock status register
0x01
0x00 50C8
CLK_SWR
System clock switch register
0x01
0x00 50C9
CLK_SWCR
Clock switch control register
0bxxxx0000
0x00 50CA
CLK_CSSR
Clock security system register
0x00
0x00 50CB
CLK_CBEEPR
Clock BEEP register
0x00
0x00 50CC
CLK_HSICALR
HSI calibration register
0xxx
0x00 50CD
CLK_HSITRIMR
HSI clock calibration trimming register
0x00
0x00 50CE
CLK_HSIUNLCKR
HSI unlock register
0x00
0x00 50CF
CLK_REGCSR
Main regulator control status register
0bxx11100x
Table 8.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com