Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 23Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 24Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 25Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 26Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 27Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 28Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 29Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 30Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 122 page
background image
STM8L151xx, STM8L152xx
Pin description
Doc ID 15962 Rev 5
27/122
Table 4.
Legend/abbreviation for table 5
Type
I= input, O = output, S = power supply
Level
Input
CM = CMOS
Output
HS = high sink/source (20 mA)
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
Table 5.
STM8L15x pin description
Pin
number
Pin name
Input
Output
Default alternate
function
2
1
1 C3 NRST/PA1(1)
I/O
X
HS
X
X Reset
PA1
32
2 B4
PA2/OSC_IN/
[USART1_TX](3)/
[SPI1_MISO] (3)
I/O
X
XX
HS
X
X Port A2
HSE oscillator input /
[USART1 transmit] /
[SPI1 master in- slave
out] /
43
3 C4
PA3/OSC_OUT/[USART1
_RX](3)/[SPI1_MOSI](3)
I/O
X
XX
HS
X
X Port A3
HSE oscillator output /
[USART1 receive]/ [SPI1
master out/slave in]/
5-
--
PA4/TIM2_BKIN/
LCD_COM0(2)/ADC1_IN2/
COMP1_INP
I/O
X
XX
HS
X
X Port A4
Timer 2 - break input /
LCD COM 0 / ADC1
input 2 / Comparator 1
positive input
-4
4 D3
PA4/TIM2_BKIN/
[TIM2_TRIG](3)/
LCD_COM0(2)/
ADC1_IN2/COMP1_INP
I/O
X
XX
HS
X
X Port A4
Timer 2 - break input /
[Timer 2 - trigger] /
LCD_COM 0 / ADC1
input 2 /
Comparator 1 positive
input
6-
--
PA5/TIM3_BKIN/
LCD_COM1(2)/ADC1_IN1/
COMP1_INP
I/O
X
XX
HS
X
X Port A5
Timer 3 - break input /
LCD_COM 1 / ADC1
input 1/
Comparator 1 positive
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com