Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 43Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 44Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 45Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 46Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 47Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 48Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 49Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 50Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
STM8L151xx, STM8L152xx
Memory and register map
Doc ID 15962 Rev 5
47/122
0x00 52B0
TIM1
TIM1_CR1
TIM1 control register 1
0x00
0x00 52B1
TIM1_CR2
TIM1 control register 2
0x00
0x00 52B2
TIM1_SMCR
TIM1 Slave mode control register
0x00
0x00 52B3
TIM1_ETR
TIM1 external trigger register
0x00
0x00 52B4
TIM1_DER
TIM1 DMA1 request enable register
0x00
0x00 52B5
TIM1_IER
TIM1 Interrupt enable register
0x00
0x00 52B6
TIM1_SR1
TIM1 status register 1
0x00
0x00 52B7
TIM1_SR2
TIM1 status register 2
0x00
0x00 52B8
TIM1_EGR
TIM1 event generation register
0x00
0x00 52B9
TIM1_CCMR1
TIM1 Capture/Compare mode register 1
0x00
0x00 52BA
TIM1_CCMR2
TIM1 Capture/Compare mode register 2
0x00
0x00 52BB
TIM1_CCMR3
TIM1 Capture/Compare mode register 3
0x00
0x00 52BC
TIM1_CCMR4
TIM1 Capture/Compare mode register 4
0x00
0x00 52BD
TIM1_CCER1
TIM1 Capture/Compare enable register 1
0x00
0x00 52BE
TIM1_CCER2
TIM1 Capture/Compare enable register 2
0x00
0x00 52BF
TIM1_CNTRH
TIM1 counter high
0x00
0x00 52C0
TIM1_CNTRL
TIM1 counter low
0x00
0x00 52C1
TIM1_PSCRH
TIM1 prescaler register high
0x00
0x00 52C2
TIM1_PSCRL
TIM1 prescaler register low
0x00
0x00 52C3
TIM1_ARRH
TIM1 Auto-reload register high
0xFF
0x00 52C4
TIM1_ARRL
TIM1 Auto-reload register low
0xFF
0x00 52C5
TIM1_RCR
TIM1 Repetition counter register
0x00
0x00 52C6
TIM1_CCR1H
TIM1 Capture/Compare register 1 high
0x00
0x00 52C7
TIM1_CCR1L
TIM1 Capture/Compare register 1 low
0x00
0x00 52C8
TIM1_CCR2H
TIM1 Capture/Compare register 2 high
0x00
0x00 52C9
TIM1_CCR2L
TIM1 Capture/Compare register 2 low
0x00
0x00 52CA
TIM1_CCR3H
TIM1 Capture/Compare register 3 high
0x00
0x00 52CB
TIM1_CCR3L
TIM1 Capture/Compare register 3 low
0x00
0x00 52CC
TIM1_CCR4H
TIM1 Capture/Compare register 4 high
0x00
0x00 52CD
TIM1_CCR4L
TIM1 Capture/Compare register 4 low
0x00
0x00 52CE
TIM1_BKR
TIM1 break register
0x00
0x00 52CF
TIM1_DTR
TIM1 dead-time register
0x00
0x00 52D0
TIM1_OISR
TIM1 output idle state register
0x00
0x00 52D1
TIM1_DCR1
DMA1 control register 1
Table 8.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com