Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 93Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 94Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 95Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 96Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 97Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 98Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 99Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 100Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
97/122
9.3.8
LCD controller (STM8L152xx only)
VLCD external capacitor (STM8L152xx only)
The application can achieve a stabilized LCD reference voltage by connecting an external
capacitor CEXT to the VLCD pin. CEXT is specified in Table 43.
Table 43.
LCD characteristics(1)
1.
Data guaranteed by Design, not tested in production.
Symbol
Parameter
Min
Typ
Max.
Unit
VLCD
LCD external voltage
3.6
V
VLCD0
LCD internal reference voltage 0
2.6
V
VLCD1
LCD internal reference voltage 1
2.7
V
VLCD2
LCD internal reference voltage 2
2.8
V
VLCD3
LCD internal reference voltage 3
2.9
V
VLCD4
LCD internal reference voltage 4
3.0
V
VLCD5
LCD internal reference voltage 5
3.1
V
VLCD6
LCD internal reference voltage 6
3.2
V
VLCD7
LCD internal reference voltage 7
3.3
V
CEXT
VLCD external capacitance
0.1
2
µF
IDD
Supply current(2) at VDD = 1.8 V
2.
LCD enabled with 3 V internal booster (LCD_CR1 = 0x08), 1/4 duty, 1/3 bias, division ratio= 64, all pixels
active, no LCD connected.
3µA
Supply current(2) at VDD = 3 V
3
µA
RHN
(3)
(= 3 X RH)
3.
RHN is the total resistive network value. The bridge is made of 3 RH serial resistors.
Low drive resistive network
6.6
M
Ω
RLN
(4)
(= 3 X RL)
4.
RLN is the total resistive network value. The bridge is made of 3 RL serial resistors.
High drive resistive network
360
k
Ω
V33
Segment/Common higher level voltage
VLCDx
V
V23
Segment/Common 2/3 level voltage
2/3VLCDx
V
V12
Segment/Common 1/2 level voltage
1/2VLCDx
V
V13
Segment/Common 1/3 level voltage
1/3VLCDx
V
V0
Segment/Common lowest level voltage
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com