Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 96Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 97Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 98Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 99Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 100Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 101Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 102Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 103Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
100/122
Doc ID 15962 Rev 5
Data guaranteed by design, not tested in production.
9.3.12
12-bit DAC characteristics
Data guaranteed by design, not tested in production.
Table 47.
Comparator 2 characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VDDA
Analog supply voltage
1.65
3.6
V
TA
Temperature range
-40
125
°C
VIN
Comparator input voltage range
0
VDDA
V
tSTART
Startup time after enable in fast mode
20
µs
Startup time after enable in slow mode
30
µs
tdf
Propagation delay in fast mode(1)
1.
The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
2.5
µs
tds
Propagation delay in slow mode(1)
6µs
Voffset
Comparator offset error
±10
mV
IDD(CMP2F) Consumption in fast mode
5
µA
IDD(CMP2S) Consumption in slow mode
2
µA
Table 48.
DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
1.8
3.6
V
TA
Temperature range
-40
125
°C
IDD(DAC)
(1)
DAC supply current
Middle code
370
550
µA
Worst code
500
700
IVREF+
Current on VREF+ supply
140
360
µA
RL
Resistive load(2) (3)
DACOUT buffer ON
5
k
Ω
RO
Output impedance
DACOUT buffer OFF
8
10
k
Ω
CL
Capacitive load(4)
50
pF
DAC_OUT
DAC_OUT voltage(5)
DACOUT buffer ON
0.2
VREF+-0.2
V
DACOUT buffer OFF
0
VREF+ -1 LSB
V
tsettling
Settling time (full scale: for a 12-
bit input code transition between
the lowest and the highest input
codes when DAC_OUT reaches
the final value ±1LSB
)
RL ≥5kΩ, CL≤ 50 pF
712
µs
Update rate
Max frequency for a correct
DAC_OUT (@95%) change when
small variation of the input code
(from code i to i+1LSB).
RL ≥ 5kΩ, CL ≤50 pF
1
Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com