Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 46Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 47Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 48Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 49Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 50Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 51Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 52Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 53Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 122 page
background image
Memory and register map
STM8L151xx, STM8L152xx
50/122
Doc ID 15962 Rev 5
0x00 5400
LCD
LCD_CR1
LCD control register 1
0x00
0x00 5401
LCD_CR2
LCD control register 2
0x00
0x00 5402
LCD_CR3
LCD control register 3
0x00
0x00 5403
LCD_FRQ
LCD frequency selection register
0x00
0x00 5404
LCD_PM0
LCD Port mask register 0
0x00
0x00 5405
LCD_PM1
LCD Port mask register 1
0x00
0x00 5406
LCD_PM2
LCD Port mask register 2
0x00
0x00 5407
LCD_PM3
LCD Port mask register 3
0x00
0x00 5408 to
0x00 540B
LCD
Reserved area (4 bytes)
0x00 540C
LCD_RAM0
LCD display memory 0
0x00
0x00 540D
LCD_RAM1
LCD display memory 1
0x00
0x00 540E
LCD_RAM2
LCD display memory 2
0x00
0x00 540F
LCD_RAM3
LCD display memory 3
0x00
0x00 5410
LCD_RAM4
LCD display memory 4
0x00
0x00 5411
LCD_RAM5
LCD display memory 5
0x00
0x00 5412
LCD_RAM6
LCD display memory 6
0x00
0x00 5413
LCD_RAM7
LCD display memory 7
0x00
0x00 5414
LCD_RAM8
LCD display memory 8
0x00
0x00 5415
LCD_RAM9
LCD display memory 9
0x00
0x00 5416
LCD_RAM10
LCD display memory 10
0x00
0x00 5417
LCD_RAM11
LCD display memory 11
0x00
0x00 5418
LCD_RAM12
LCD display memory 12
0x00
0x00 5419
LCD_RAM13
LCD display memory 13
0x00
0x00 541A to
0x00 542F
Reserved area (22 bytes)
Table 8.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com