Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C4U6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 52Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 53Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 54Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 55Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 56Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 57Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 58Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 59Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
Option bytes
STM8L151xx, STM8L152xx
56/122
Doc ID 15962 Rev 5
7
Option bytes
Option bytes contain configurations for device hardware features as well as the memory
protection of the device. They are stored in a dedicated memory block.
All option bytes can be modified in ICP mode (with SWIM) by accessing the EEPROM
address. See Table 11 for details on option byte addresses.
The option bytes can also be modified ‘on the fly’ by the application in IAP mode, except for
the ROP and UBC values which can only be taken into account when they are modified in
ICP mode (with the SWIM).
Refer to the STM8L15x Flash programming manual (PM0051) and STM8 SWIM and Debug
Manual (UM0320) for information on SWIM programming procedures.
Table 11.
Option byte addresses
Addr.
Option name
Option
byte
No.
Option bits
Factory
default
setting
76
54
3
2
1
0
00 4800
Read-out
protection
(ROP)
OPT0
ROP[7:0]
0x00
00 4802
UBC (User
Boot code size)
OPT1
UBC[7:0]
0x00
00 4807
Reserved
0x00
00 4808
Independent
watchdog
option
OPT3
[3:0]
Reserved
WWDG
_HALT
WWDG
_HW
IWDG
_HALT
IWDG
_HW
0x00
00 4809
Number of
stabilization
clock cycles for
HSE and LSE
oscillators
OPT4
Reserved
LSECNT[1:0]
HSECNT[1:0]
0x00
00 480A
Brownout reset
(BOR)
OPT5
[3:0]
Reserved
BOR_TH
BOR_
ON
0x01
00 480B
Bootloader
option bytes
(OPTBL)
OPTBL
[15:0]
OPTBL[15:0]
0x00
00 480C
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com