Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
22
6 Indicates the average thermal resistance between the die and the case top surface as measured by the
cold plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case
temperature.
7 Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2.
Table 5. Thermal Characteristics, 516-pin TEPBGA Package1
1 Thermal characteristics are targets based on simulation that are subject to change per device
characterization. This data is PRELIMINARY based on similar package used on other devices.
Characteristic
Symbol
Value
Unit
Junction to Ambient 2,3 Natural Convection (Single layer board)
2 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting
site (board) temperature, ambient temperature, air flow, power dissipation of other components on the
board, and board thermal resistance.
3 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification.
RθJA
25
°C/W
Junction to Ambient 2,4 Natural Convection (Four layer board 2s2p)
4 Per JEDEC JESD51-6 with the board horizontal.
RθJA
18
°C/W
Junction to Ambient (@200 ft./min., Single layer board)
RθJMA
20
°C/W
Junction to Ambient (@200 ft./min., Four layer board 2s2p)
RθJMA
15
°C/W
Junction to Board 5
5 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board
temperature is measured on the top surface of the board near the package.
RθJB
10
°C/W
Junction to Case 6
6 Indicates the average thermal resistance between the die and the case top surface as measured by the
cold plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case
temperature.
RθJC
6°C/W
Junction to Package Top 7 Natural Convection
7 Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2.
Ψ
JT
2°C/W
Table 6. Thermal Characteristics, 324-pin Package1
1 Thermal characteristics are targets based on simulation that are subject to change per device
characterization. This data is PRELIMINARY based on similar package used on other devices.
MPC5567 Thermal Characteristic
Symbol
Value
Unit
Junction to ambient 2, 3, natural convection (one-layer board)
RθJA
29
°C/W
Junction to ambient 1, 4, natural convection (four-layer board 2s2p)
RθJA
19
°C/W
Junction to ambient (@200 ft./min., one-layer board)
RθJMA
23
°C/W
Junction to ambient (@200 ft./min., four-layer board 2s2p)
RθJMA
16
°C/W
Junction to board 5 (four-layer board 2s2p)
RθJB
10
°C/W
Junction to case 6
RθJC
7°C/W
Junction to package top 7, natural convection
Ψ
JT
2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com