Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 132 page
background image
MPC5674F Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
58
4.12.6
External Interrupt Timing (IRQ Pin)
Figure 31. External Interrupt Timing
4.12.7
eTPU Timing
Table 37. External Interrupt Timing1
1 IRQ timing specified at V
DD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL
to TH.
Spec
Characteristic
Symbol
Min
Max
Unit
1
IRQ Pulse Width Low
tIPWL
3—
tcyc
2
2 See Notes on t
cyc on Figure 16 and Table 28 in Section 4.11.1 Clocking.
2
IRQ Pulse Width High
tIPWH
3—
tcyc
2
3
IRQ Edge to Edge Time3
3 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
tICYC
6—
tcyc
2
Table 38. eTPU Timing1
1 eTPU timing specified at V
DD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH,
and CL = 200 pF with SRC = 0b00.
Spec
Characteristic
Symbol
Min
Max
Unit
1
eTPU Input Channel Pulse Width
tICPW
4—
tcyc
2
2 See Notes on t
cyc on Figure 16 and Table 28 in Section4.11.1Clocking.
2
eTPU Output Channel Pulse Width
tOCPW
13
3 This specification does not include the rise and fall times. When calculating the minimum eTPU pulse width, include the rise
and fall times defined in the slew rate control fields (SRC) of the pad configuration registers (PCR).
—tcyc
2
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com