Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
55
Figure 27. D_CLKOUT Timing
9
D_ALE Pulse Width
tAPW
6.5
—
ns
The timing is for Asynchronous
external memory system.
10
D_ALE Negated to Address Invalid
tAAI
2.0/1.0 5
—
ns
The timing is for Asynchronous
external memory system.
ALE is measured at 50% of VDDE.
1 EBI timing specified at V
DD = 1.08 V to 1.32 V, VDDE = 3.0 V to 3.6 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH, and
CL = 30 pF with DSC = 0b10.
2 Speed is the nominal maximum frequency. Max speed is the maximum speed allowed including frequency modulation (FM).
270 MHz parts allow for 264 MHz system clock + 2% FM.
3 Depending on the internal bus speed, set the SIU_ECCR[EBDF] bits correctly not to exceed maximum external bus frequency.
The maximum external bus frequency is 66 MHz.
4 Refer to Fast pad timing in Table 31 and Table 32.
5 ALE hold time spec is temperature dependant. 1.0ns spec applies for temperature range -40 to 0 C. 2.0ns spec applies to
temperatures > 0 C. This spec has no dependency on SIU_ECCR[EBTS] bit.
Table 36. Bus Operation Timing 1 (continued)
Spec
Characteristic
Symbol
66 MHz (Ext. Bus Freq)2 3
Unit
Notes
Min
Max
1
2
2
3
4
D_CLKOUT
VDDE / 2
VOL_F
VOH_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com