Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
35
Table 16. VDD33 Pad Average DC Current
1
1 These are average IDDE for worst case PVT from simulation. Currents apply to output pins only for the fast pads and to input
pins only for the medium pads.
Spec
Pad Type
Symbol
Frequency
(MHz)
Load2
(pF)
2 All loads are lumped.
VDD33
(V)
VDDE
(V)
Drive/Slew
Rate Select
Current (mA)
1Medium
I33_MH
—
—
3.6
5.5
—
0.0007
2Fast
I33_FC
66
10
3.6
3.6
00
0.92
366
20
3.6
3.6
01
1.14
466
30
3.6
3.6
10
1.50
566
50
3.6
3.6
11
2.19
6Fast w/
Slew
Control
I33_FSR
66
50
3.6
3.6
11
0.74
750
50
3.6
3.6
10
0.52
8
33.33
50
3.6
3.6
00
0.19
920
50
3.6
3.6
00
0.19
10
20
200
3.6
3.6
00
0.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com