Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5674F Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 132 page
background image
Electrical Characteristics
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
33
35
VRL Differential Voltage
VRL –VSSA
–100
100
mV
36
Analog Reference High Voltage
VRH
VDDA –100
VDDA
mV
37
VREF Differential Voltage
VRH –VRL
4.75
5.25
V
38
VSSSYN to VSS Differential Voltage
VSSSYN –VSS
–100
100
mV
39
Operating Temperature Range—Ambient (Packaged)
TA (TL to TH)
–40.0
125.0
οC
40
Slew rate on power supply pins
—
—
25
V/ms
1 These specifications are design targets and subject to change per device characterization.
2 Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
3 2.0 V for 10 hours cumulative time, 1.2 V +10% for time remaining.
4 Assumed with DC load.
5 5.3 V for 10 hours cumulative time, 3.3 V +10% for time remaining.
6 6.4 V for 10 hours cumulative time, 5.0 V +10% for time remaining.
7 V
STBY below 0.95 V the RAM will not retain states, but will be operational. VSTBY can be 0 V when bypass standby mode.
8 Regulator is functional with derated performance, with supply voltage down to 4.0 V for system with V
DDREG = 4.5 V (min).
9 2.7 V minimum operating voltage allowed during vehicle crank for system with V
DDREG = 3.0 V (min). Normal operating voltage
should be either VDDREG = 3.0 V (min) or 4.5 V (min) depending on the user regulation voltage system selected.
10 Required to be supplied when 3.3 V regulator is disabled. See Section 4.5, “PMC/POR/LVI Electrical Specifications.”
11 I
OH_F = {12,20,30,40} mA and IOL_F = {24,40,50,65} mA for {00,01,10,11} drive mode with VDDE =3.0 V
12 I
OH_S = {11.6} mA and IOL_S = {17.7} mA for {medium} I/O with VDDE =4.5 V;
IOH_S = {5.4} mA and IOL_S = {8.1} mA for {medium} I/O with VDDE =3.0 V
13 Applies to D_CLKOUT, external bus pins, and Nexus pins.
14 Applies to the FCK, SDI, SDO, and SDS_B pins.
15 V
STBY current specified at 1.0 V at a junction temperature of 85
oC. V
STBY current is 700 µA maximum at a junction temperature
of 150 oC.
16 Preliminary. Specification pending typical and/or high-use Runidd pattern simulation as well as final silicon characterization.
900 mA based on transistor count estimate at Worst Case (wcs) process and temperature condition.
17 Power requirements for the V
DD33 supply depend on the frequency of operation and load of all I/O pins, and the voltages on
the I/O segments. See Section 4.7.2, “I/O Pad VDD33 Current Specifications,” for information on both fast (F, FS) and medium
(MH) pads. Also refer to Table 16 for values to calculate power dissipation for specific operation.
18 This value is a target that is subject to change.
19 This value allows a 5 V reference to supply ADC + REF.
20 Power requirements for each I/O segment depend on the frequency of operation and load of the I/O pins on a particular I/O
segment, and the voltage of the I/O segment. See Section 4.7.1, “I/O Pad Current Specifications,” for information on I/O pad
power. Also refer to Table 15 for values to calculate power dissipation for specific operation. The total power consumption of
an I/O segment is the sum of the individual power consumptions for each pin on the segment.
21 Absolute value of current, measured at V
IL and VIH.
22 Absolute value of current, measured at V
IL and VIH.
23 Weak pull up/down inactive. Measured at V
DDE = 3.6 V and VDDEH = 5.25 V. Applies to pad types F and MH.
24 Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately one-half for each
8to 12 oC, in the ambient temperature range of 50 to 125 oC. Applies to pad types AE and AE/up-down. See Appendix A,
Signal Properties and Muxing.
Table 14. DC Electrical Specifications1 (continued)
Spec
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com